전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKCB8236 데이터시트(PDF) 4 Page - FETek Technology Corp.

부품명 FKCB8236
상세설명  Dual N-Ch Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FETEK [FETek Technology Corp.]
홈페이지  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKCB8236 데이터시트(HTML) 4 Page - FETek Technology Corp.

  FKCB8236 Datasheet HTML 1Page - FETek Technology Corp. FKCB8236 Datasheet HTML 2Page - FETek Technology Corp. FKCB8236 Datasheet HTML 3Page - FETek Technology Corp. FKCB8236 Datasheet HTML 4Page - FETek Technology Corp. FKCB8236 Datasheet HTML 5Page - FETek Technology Corp. FKCB8236 Datasheet HTML 6Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKCB8236
Dual N-Ch Fast Switching MOSFETs
44
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
PDM
D = TON/T
TJpeak = TC+PDMXRθJC
TON
T
0.02
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Gate Charge Waveform



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com