| 전자부품 데이터시트 검색엔진 |
|
AD9396/PCB 데이터시트(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9396/PCB 데이터시트(HTML) 40 Page - Analog Devices |
|
40 / 48 page ![]() AD9396 Rev. 0 | Page 40 of 48 Serial Interface Read/Write Examples Write to one control register: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Data byte to base address • Stop signal Write to four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Data byte to base address • Data byte to (base address + 1) • Data byte to (base address + 2) • Data byte to (base address + 3) • Stop signal Read from one control register: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Stop signal Read from four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Data byte from (base address + 1) • Data byte from (base address + 2) • Data byte from (base address + 3) • Stop signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 17. Serial Interface—Typical Byte Transfer |