| 전자부품 데이터시트 검색엔진 |
|
74LVC2G53DC 데이터시트(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G53DC 데이터시트(HTML) 17 Page - NXP Semiconductors |
|
17 / 24 page ![]() 74LVC2G53_2 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 02 — 31 March 2006 17 of 24 Philips Semiconductors 74LVC2G53 2-channel analog multiplexer/demultiplexer Fig 14. Test circuit for measuring the frequency response when switch is in ON-state Fig 15. Test circuit for measuring feed-through attenuation when switch is in OFF-state Fig 16. Test circuit for measuring crosstalk between switches dB 001aad395 50 Ω 0.1 µF S A E B0 B1 VCC 0.5VCC GND CL RL switch switch 1 1 2 2 VIH VIL S VIL VIL E fi VIL or VIH VIL dB 001aad396 50 Ω RL 0.1 µF S A E B0 B1 VCC 0.5VCC 0.5VCC GND CL RL switch switch 1 1 2 2 VIH VIL S VIH VIH E fi VIL or VIH VIH dB 001aad397 50 Ω 0.1 µF S A E B0 B1 VCC 0.5VCC GND CL RL 0.5VCC RL VIH VIL S 20log10(VB1/VI) 20log10(VB0/VI) test condition VIL VIL E fi VIL or VIH VIL |