전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZP-5LH 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 ZP-5LH
상세설명  FREQUENCY MIXERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZP-5LH 데이터시트(HTML) 2 Page - Mini-Circuits

  ZP-5LH Datasheet HTML 1Page - Mini-Circuits ZP-5LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
99
pin and coaxial connections see case style outline drawings for pin locations
PORT
d
h
j
m
s
z
aa
ad
af
ag
ah
LO
888814112
L
4
RF
1
1
3,4^
181421
R
2
IF
3,4^
3,4^
1332233
X
1
GND EXT.
2,5,6,7
2,5,6,7
2,5,6,7
2,5,6,7
2,5,6,7
3
3
—
—
—
3
CASE GND
—
2,5,6
2,5,6,7
2,5,6,7
2,5,6,7
3
3
—
—
—
3
NOT USED
—
—
—
4
4
——————
^ pins must be connected together externally
ZMX
ZP
ZFM
ZMX-7GLHR***
3700-7000
DC-1500
5.4
.30
—
8.5
33 (Typ.) 20 (Min.)
35 (Typ.) 20 (Min.)BU413
af
71.95
ZMX-8GLH***
3700-8000
DC-2000
5.5
.20
—
8.5
40 (Typ.) 20 (Min.)
18 (Typ.)
8 (Min.)
BU413ad
74.95
ZP-1LH
2-600
DC-600
6.0
.17
7.0
8.0
70 50
50 30
42 25
65
45
50
30
41 22
GG60
ag
41.95
ZP-3LH
0.15-400
DC-400
4.8
.37
7.0
8.0
67 50
51 30
40 25
67
40
45
25
34 20
GG60
ag
41.95
ZP-5LH
20-1500
DC-1000
6.9
.27
8.5
9.0
53 40
42 30
38 25
40
25
30
18
22
8
GG60
ag
45.95
ZP-11ALH
1400-1900
40-500
7.0
.20
8.6
8.6
36 (Typ.) 20 (Min.)
28 (Typ.) 15 (Min.)
GG60
ag
45.95
ZP-860LH
800-1050
DC-250
6.3
.27
7.9
7.9
35 (Typ.) 25 (Min.)
27 (Typ.) 18 (Min.)
GG60
ag
45.95
ZFM-15
10-3000
10-800
6.13
.14
8.0
8.5
35 25
35 25
35 25
30
20
30
20
30 20
K18
ad
89.95
ZFM-150**
10-2000
DC-1000
6.05
.12
8.0
8.0
32 25
35 25
35 20
33
20
30
20
25 20
K18
ad
69.95
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
+10 dBm LO, up to +5 dBm RF
C
O
N
N
E
C
T
I
O
N
L
Typ. Min.
M
Typ. Min.
LO-RF ISOLATION, dB LO-IF ISOLATION, dB
U
Typ. Min.
CASE
STYLE
Qty.
(1-9)
PRICE
$
L
Typ. Min.
Total
Range
Max.
CONVERSION LOSS
dB
Max.
σσσσσ
Mid-Band
m
FREQUENCY
MHz
IF
LO/RF
f
L-fU
MODEL
NO.
U
Typ. Min.
M
Typ. Min.
_
x
Note B
Coaxial
t



Html Pages

1 2