| 전자부품 데이터시트 검색엔진 |
|
Z0410SF 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
Z0410SF 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() Z0410xE/F ® January 1995 STANDARD TRIACS Symbol Parameter Value Unit IT(RMS) RMS on-state current (360 ° conduction angle) Z0410xE/F Tc= 75 °C4 A Z0410xF Ta= 25 °C 0.95 ITSM Non repetitive surge peak on-state current (Tj initial = 25 °C) tp = 8.3 ms 22 A tp = 10 ms 20 I 2tI2t Value for fusing tp = 10 ms 2 A 2s dI/dt Critical rate of rise of on-state current IG =50 mA diG /dt = 0.1 A/ µs. Repetitive F = 50 Hz 10 A/ µs Non Repetitive 50 Tstg Tj Storage and operating junction temperature range - 40, + 150 - 40, + 125 °C Tl Maximum lead temperature for soldering during 10s at 4.5mm from case 260 °C ABSOLUTE RATINGS (limiting values) IT(RMS) =4A VDRM = 400V to 800V IGT ≤ 25mA FEATURES Symbol Parameter Voltage Unit DM S N VDRM VRRM Repetitive peak off-state voltage Tj = 125 °C 400 600 700 800 V The Z0410xE/F series of triacs uses a high performance TOP GLASS PNPN technology. These parts are intended for general purpose switching and phase control applications. DESCRIPTION A1 G A2 TO202-1 (Plastic) Z0410xE A1 G A2 TO202-2 (Plastic) Z0410xF 1/6 |
유사한 부품 번호 - Z0410SF |
|
유사한 설명 - Z0410SF |