| 전자부품 데이터시트 검색엔진 |
|
TOP250R 데이터시트(PDF) 1 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP250R 데이터시트(HTML) 1 Page - Power Integrations, Inc. |
|
1 / 52 page ![]() ® ® TOP242-250 TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, ® Integrated Off-line Switcher January 2002 Figure 1. Typical Flyback Application. PRODUCT3 Adapter1 Open Frame2 Open Frame2 OUTPUT POWER TABLE Table 1. Notes: 1. Typical continuous power in a non-ventilated enclosed adapter measured at 50 °C ambient. 2. Maximum practical continuous power in an open frame design at 50 °C ambient. See Key Applications for detailed conditions. 3. See Part Ordering Information. 4. 230 VAC or 100/115 VAC with doubler. PI-2632-060200 AC IN DC OUT D S C TOPSwitch-GX CONTROL L + - F X 230 VAC ±15%4 Adapter1 85-265 VAC 9 W 15 W 6.5 W 10 W 21 W 22 W 11 W 14 W 10 W 22 W 7 W 14 W 13 W 25 W 9 W 15 W 29 W 45 W 17 W 23 W 20 W 45 W 15 W 30 W 16 W 30 W 11 W 20 W 34 W 50 W 20 W 28 W 30 W 65 W 20 W 45 W 37 W 57 W 23 W 33 W 40 W 85 W 26 W 60 W 40 W 64 W 26 W 38 W 60 W 125 W 40 W 90 W 42 W 70 W 28 W 43 W 85 W 165 W 55 W 125 W 43 W 75 W 30 W 48 W 105 W 205 W 70 W 155 W 44 W 79 W 31 W 53 W 120 W 250 W 80 W 180 W 45 W 82 W 32 W 55 W 135 W 290 W 90 W 210 W Product Highlights Lower System Cost, High Design Flexibility • Extended power range to 290 W • Features eliminate or reduce cost of external components • Fully integrated soft-start for minimum stress/overshoot • Externally programmable accurate current limit • Wider duty cycle for more power, smaller input capacitor • Separate line sense and current limit pins on Y/R/F packages • Line under-voltage (UV) detection: no turn off glitches • Line overvoltage (OV) shutdown extends line surge limit • Line feed forward with maximum duty cycle (DC MAX) reduction rejects line ripple and limits DC MAX at high line • Frequency jittering reduces EMI and EMI filtering costs • Regulates to zero load without dummy loading • 132 kHz frequency reduces transformer/power supply size • Half frequency option in Y/R/F packages for video applications • Hysteretic thermal shutdown for automatic fault recovery • Large thermal hysteresis prevents PC board overheating EcoSmart - Energy Efficient • Extremely low consumption in remote off mode (80 mW @ 110 VAC, 160 mW @ 230 VAC) • Frequency lowered with load for high standby efficiency • Allows shutdown/wake-up via LAN/input port Description TOPSwitch-GX uses the same proven topology as TOPSwitch, cost effectively integrating the high voltage power MOSFET, PWM control, fault protection and other control circuitry onto a single CMOS chip. Many new functions are integrated to re- duce system cost and improve design flexibility, performance and energy efficiency. Depending on package type, the TOPSwitch-GX family has either 1 or 3 additional pins over the standard DRAIN, SOURCE and CONTROL terminals allowing the following functions: line sensing (OV/UV, line feedforward/DC max reduction), accu- rate externally set current limit, remote on/off, and synchroni- zation to an external lower frequency and frequency selection (132 kHz/66 kHz). All package types provide the following transparent features: Soft-start, 132 kHz switching frequency (automatically reduced at light load), frequency jittering for lower EMI, wider DC MAX, hysteretic thermal shutdown and larger creepage packages. In addition, all critical parameters (i.e. current limit, frequency, PWM gain) have tighter temperature and absolute tolerance, to simplify design and optimize system cost. TOP242 P or G TOP242 R TOP242 Y or F TOP243 P or G TOP243 R TOP243 Y or F TOP244 P or G TOP244 R TOP244 Y or F TOP245 R TOP245 Y or F TOP246 R TOP246 Y or F TOP247 R TOP247 Y or F TOP248 R TOP248 Y or F TOP249 R TOP249 Y or F TOP250 R TOP250 Y or F |
유사한 부품 번호 - TOP250R |
|
유사한 설명 - TOP250R |