| 전자부품 데이터시트 검색엔진 |
|
HD64F2633RF28 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2633RF28 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 1453 page ![]() Preface These LSIs are high-performance microcomputers with a 32-bit H8S/2600 CPU core and a variety of built-in peripheral functions necessary for a system configuration. The built-in peripheral devices include a 16-bit timer pulse unit (TPU), a programmable pulse generator (PPG)* 1, a watchdog timer (WDT), 8-bit timers, a 14-bit PWM timer (PWM)*1, serial communication interfaces (SCI, IrDA)* 1, an A/D converter, a D/A converter*1, and I/O ports. An I 2C bus interface (IIC)*1 can also be incorporated as an option. An on-chip DMA controller (DMAC)* 1 and data transfer controller (DTC) perform high-speed data transfer without using the CPU, enabling use of these LSIs as embedded microcomputers in various advanced control systems. Two types of internal ROM-flash memory (F-ZTAT™* 2) and mask ROM-are available, providing a quick and flexible response to conditions from ramp-up through full-scale volume production, even for applications with frequently changing specifications. Notes: *1 This function is not available in the H8S/2695. *2 F-ZTAT is a trademark of Hitachi, Ltd. Target Users: This manual was written for users who will be using the H8S/2633 Series, H8S/2633R, or H8S/2695 in the design of application systems. Readers are expected to understand the fundamentals of electrical circuits, logic circuits, and microcomputers. Objective: This manual was written to provide users with an explanation of the hardware functions and electrical characteristics of the H8S/2633 Series, H8S/2633R, and H8S/2695. Refer to the H8S/2600 Series, H8S/2000 Series Programming Manual for a detailed description of the instruction set. Notes on reading this manual: • In order to understand the overall functions of the chip Read the manual according to the contents. This manual is broadly divided into parts covering the CPU, system control functions, peripheral functions, and electrical characteristics. • In order to understand the details of the CPU's functions Refer to the H8S/2600 Series, H8S/2000 Series Programming Manual. Example: Bit order: The MSB is on the left and the LSB is on the right. Related Manuals: The latest versions of all related manuals are available from our website. Please ensure that you have the latest versions of all documents you require. http://www.hitachisemiconductor.com/ |