| 전자부품 데이터시트 검색엔진 |
|
74HC594BQ 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC594BQ 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 23 page ![]() Nexperia 74HC594; 74HCT594 8-bit shift register with output register 25 °C -40 °C to +85 °C -40 °C to +125 °C Symbol Parameter Conditions Min Typ Max Min Max Min Max Unit DS to SHCP; see Fig. 8 20 4 - 25 - 30 - ns SHR to STCP; see Fig. 9 20 6 - 25 - 30 - ns tsu set-up time SHCP to STCP; see Fig. 7 20 7 - 25 - 30 - ns th hold time DS to SHCP; see Fig. 8 5 -3 - 6 - 7 - ns trec recovery time SHR to SHCP and STR to STCP; see Fig. 10 and Fig. 11 10 -5 - 13 - 15 - ns SHCP or STCP; see Fig. 6 and Fig. 7 30 92 - 24 - 20 - MHz fmax maximum frequency VCC = 5.0 V; CL = 15 pF - 100 - - - - - MHz CPD power dissipation capacitance VI = GND to VCC - 1.5 V; VCC = 5 V; fi = 1 MHz [2] - 89 - - - - - pF [1] tpd is the same as tPHL and tPLH. [2] CPD is used to determine the dynamic power dissipation (PD in μW): PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; ∑(CL × VCC 2 × fo) = sum of outputs. 11.1. Waveforms and test circuit 001aae341 SHCP input Q7S output VM tPLH tTLH tTHL tPHL VM tW 1/fmax Measurement points are given in Table 10. Fig. 6. The shift clock (SHCP) to output (Q7S) propagation delays, the shift clock pulse width, the maximum shift clock frequency, and output transition times 74HC_HCT594 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2022. All rights reserved Product data sheet Rev. 7 — 20 October 2022 13 / 23 |