전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT9890AVPBF 데이터시트(PDF) 5 Page - Analog Devices

부품명 LT9890AVPBF
상세설명  150 A Current Monitor for Intel Psys Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LT9890AVPBF 데이터시트(HTML) 5 Page - Analog Devices

  LT9890AVPBF Datasheet HTML 1Page - Analog Devices LT9890AVPBF Datasheet HTML 2Page - Analog Devices LT9890AVPBF Datasheet HTML 3Page - Analog Devices LT9890AVPBF Datasheet HTML 4Page - Analog Devices LT9890AVPBF Datasheet HTML 5Page - Analog Devices LT9890AVPBF Datasheet HTML 6Page - Analog Devices LT9890AVPBF Datasheet HTML 7Page - Analog Devices LT9890AVPBF Datasheet HTML 8Page - Analog Devices LT9890AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
LT9890
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 5 of 11
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
Pin 1 to Pin 36 and Pin 97 to Pin 102
IM
Negative Current Input. Tie all 42 IM pins together.
Pin 37 to Pin 38, Pin 42, Pin 47 to Pin 48, and Pin 85 to Pin 96
GND
Ground.
Pin 39 to Pin 41 and Pin 44 to Pin 46
DNC
Do Not Connect. Solder the DNC pins down for mechanical stability but
leave the traces floating.
Pin 43
IOUT
Output Current. Proportional to the current flowing from IP to IM.
Pin 49 to Pin 84 and Pin 103 to Pin 108
IP
Positive Current Input. Tie all 42 IP pins together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11