전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2070 데이터시트(PDF) 9 Page - Applied Micro Circuits Corporation

부품명 S2070
상세설명  FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2070 데이터시트(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button S2070 Datasheet HTML 5Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 10Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 11Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 12Page - Applied Micro Circuits Corporation S2070 Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
S2070
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision G
Figure 4. S2070 Pinout
1
2
3
4
5
6
7
8
9
10
11
48
47
46
45
44
43
42
41
40
39
38
S2070
TOP VIEW
37
36
DNC
COM_DET
TTLGND
RX[0]
RX[1]
RX[2]
TTLVCC
RX[3]
RX[4]
RX[5]
RX[6]
TTLVCC
RX[7]
35
34
33
RX[8]
RX[9]
VEE
12
13
VEE
TX[0]
TX[1]
TX[2]
VCC
TX[3]
TX[4]
TX[5]
TX[6]
VCC
TX[7]
TX[8]
TX[9]
14
15
16
RATEN
AVEE
DNC
e
c
i
v
e
Dr
e
w
o
P
x
a
M
e
g
a
k
c
a
P
Θ
)
r
i
A
l
l
i
t
S
(
a
j
Θ c
j
)
e
g
a
k
c
a
p
m
m
0
1
(
A
0
7
0
2
SW
3
3
.
1W
/
C
˚
5
4W
/
C
˚
5
1
)
e
g
a
k
c
a
p
m
m
4
1
(
B
0
7
0
2
SW
3
3
.
1W
/
C
˚
5
4W
/
C
˚
5
1
Thermal Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com