| 전자부품 데이터시트 검색엔진 |
|
IRMCK201 데이터시트(PDF) 39 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCK201 데이터시트(HTML) 39 Page - International Rectifier |
|
39 / 62 page ![]() IRMCK201 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 40 Write Register Definitions Q Qu ua ad drra attu urre eD De ec co od de e R Re eg giis stte err G Grro ou up p ((W Wrriitte e R Re eg giis stte errs s)) Byte Offset Bit Position 7 6 5 4 3 2 1 0 0x0 EncCntW (LSBs) (W) 0x1 EncCntW (MSBs) (W) 0x3 MaxEncCnt (LSBs) (W) 0x4 MaxEncCnt (MSBs) (W) 0x6 ZEncCnt (LSBs) (W) 0x7 ZEncCnt (MSBs) (W) 0x9 EncAngScl (LSBs) (W) 0xA EncAngScl (MSBs) (W) 0xB SPARE RedSig (W) PwrOn RedSig (W) ZPulse Enb (W) ZPulsePol (W) CntEnb (W) QuadratureDecode Write Register Map Field Name Access (R/W) Field Description EncCntW W New value for 16-bit Quadrature Decoder counter. MaxEncCnt W Maximum value of 16-bit Quadrature Decoder counter. The encoder count is reset to 0 after this count has been reached. This maximum should be set to correspond to a 360-degree physical angle. ZEncCnt W Encoder count value when the Z-pulse occurs. This value is loaded automatically in hardware when the Z-pulse occurs. (See ZPulseEnb and ZPulsePol fields below.) |