전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1017-1.8VLT 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC1017-1.8VLT
상세설명  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-1.8VLT 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC1017-1.8VLT Datasheet HTML 5Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 6Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 7Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 8Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 9Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 10Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 11Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 12Page - Microchip Technology TC1017-1.8VLT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 9
TC1017
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Shutdown Control Input (SHDN)
The regulator is fully enabled when a logic-high is
applied to SHDN. The regulator enters shutdown when
a logic-low is applied to this input. During shutdown,
output voltage falls to zero, and supply current is
reduced to 0.05 µA (typ.)
3.2
Ground Terminal
For best performance, it is recommended that the
ground pin be tied to a ground plane.
3.3
Regulated Voltage Output (VOUT)
Bypass the regulated voltage output to GND with a
minimum capacitance of 1 µF. A ceramic bypass
capacitor is recommended for best performance.
3.4
Unregulated Supply Input (VIN)
The minimum VIN has to meet two conditions in order
to ensure that the output maintains regulation:
VIN ≥ 2.7V and VIN ≥ [(VR + 2.5%) + VDROPOUT]. The
maximum VIN should be less than or equal to 6V.
Power dissipation may limit VIN to a lower potential in
order to maintain a junction temperature below 125°C.
Refer to Section 5.0, “Thermal Considerations”, for
determining junction temperature.
It is recommended that VIN be bypassed to GND with a
ceramic capacitor.
Pin No.
(5-Pin SC-70)
Pin No.
(5-Pin SOT-23)
Symbol
Description
1
3
SHDN
Shutdown Control Input
24
NC
No Connect
32
GND
Ground Terminal
45
VOUT
Regulated Voltage Output
51
VIN
Unregulated Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com