| 전자부품 데이터시트 검색엔진 |
|
PEMH9 데이터시트(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMH9 데이터시트(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 18 page ![]() PEMH9_PIMH9_PUMH9 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 12 November 2013 2 of 17 NXP Semiconductors PEMH9; PIMH9; PUMH9 NPN/NPN resistor-equipped transistors; R1 = 10 k , R2 = 47 k 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code Table 3. Pinning Pin Description Simplified outline Graphic symbol 1 GND (emitter) TR1 2 input (base) TR1 3 output (collector) TR2 4 GND (emitter) TR2 5 input (base) TR2 6 output (collector) TR1 001aab555 6 4 5 1 3 2 65 4 1 23 R2 TR1 TR2 R1 R2 R1 sym063 Table 4. Ordering information Type number Package Name Description Version PEMH9 - plastic surface-mounted package; 6 leads SOT666 PIMH9 SC-74 plastic surface-mounted package (TSOP6); 6 leads SOT457 PUMH9 SC-88 plastic surface-mounted package; 6 leads SOT363 Table 5. Marking codes Type number Marking code[1] PEMH9 H9 PIMH9 H9 PUMH9 H*9 |