전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT600 데이터시트(PDF) 79 Page - NXP Semiconductors

부품명 RT600
상세설명  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 데이터시트(HTML) 79 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors RT600 Datasheet HTML 77Page - NXP Semiconductors RT600 Datasheet HTML 78Page - NXP Semiconductors RT600 Datasheet HTML 79Page - NXP Semiconductors RT600 Datasheet HTML 80Page - NXP Semiconductors RT600 Datasheet HTML 81Page - NXP Semiconductors RT600 Datasheet HTML 82Page - NXP Semiconductors RT600 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
79 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• RTS/CTS for hardware signaling for automatic flow control. Software flow control can
be performed using Delta CTS detect, Transmit Disable control, and any GPIO as an
RTS output.
• Received data and status can optionally be read from a single register
• Break generation and detection.
• Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
• Built-in Baud Rate Generator with auto-baud function.
• A fractional rate divider is shared among all USARTs.
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
• Loopback mode for testing of data and flow control.
• In synchronous slave mode, wakes up the part from deep-sleep mode.
• Special operating mode allows operation at up to 9600 baud using the 32.768 kHz
RTC oscillator as the UART clock. This mode can be used while the device is in
deep-sleep mode and can wake-up the device when a character is received.
• USART transmit and receive functions work with the system DMA controller.
10.17.4.5 I2S-bus interface
The I2S bus provides a standard communication interface for streaming data transfer
applications such as digital audio or data collection. The I2S bus specification defines a
3-wire serial bus, having one data, one clock, and one word select/frame trigger signal,
providing single or dual (mono or stereo) audio data transfer as well as other
configurations. In the RT600, the I2S function is included in Flexcomm Interface 6 and
Flexcomm Interface 7. Each of the Flexcomm Interface implements four I2S channel pairs.
The I2S interface within one Flexcomm Interface provides at least one channel pair that
can be configured as a master or a slave. Other channel pairs, if present, always operate
as slaves. All of the channel pairs within one Flexcomm Interface share one set of I2S
signals, and are configured together for either transmit or receive operation, using the
same mode, same data configuration and frame configuration. All such channel pairs can
participate in a time division multiplexing (TDM) arrangement. For cases requiring an
MCLK input and/or output, this is handled outside of the I2S block in the system level
clocking scheme.
Features
• A Flexcomm Interface may implement one or more I2S channel pairs, the first of which
could be a master or a slave, and the rest of which would be slaves. All channel pairs
are configured together for either transmit or receive and other shared attributes. The
number of channel pairs is defined for each Flexcomm Interface, and may be from 0
to 4.
• Configurable data size for all channels within one Flexcomm Interface, from 4 bits to
32 bits. Each channel pair can also be configured independently to act as a single
channel (mono as opposed to stereo operation).
• All channel pairs within one Flexcomm Interface share a single bit clock (SCK) and
word select/frame trigger (WS), and data line (SDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com