전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS2167 데이터시트(PDF) 11 Page - Dallas Semiconductor

부품명 DS2167
상세설명  ADPCM Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2167 데이터시트(HTML) 11 Page - Dallas Semiconductor

Back Button DS2167 Datasheet HTML 7Page - Dallas Semiconductor DS2167 Datasheet HTML 8Page - Dallas Semiconductor DS2167 Datasheet HTML 9Page - Dallas Semiconductor DS2167 Datasheet HTML 10Page - Dallas Semiconductor DS2167 Datasheet HTML 11Page - Dallas Semiconductor DS2167 Datasheet HTML 12Page - Dallas Semiconductor DS2167 Datasheet HTML 13Page - Dallas Semiconductor DS2167 Datasheet HTML 14Page - Dallas Semiconductor DS2167 Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS2167/DS2168
022698 11/15
PCM INTERFACE
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C, VDD = 5V + 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
MCLK Period
tPM
100
ns
5
MCLK Pulse Width
tWMH,
tWML
45
50
55
ns
MCLK Rise and Fall Times
tRM, tFM
5
10
ns
CLKX, CLKY Period
tPXY
244
488
5208
ns
4
CLKX, CLKY Pulse Width
tWXYH,
tWXYL
100
244
ns
CLKX, CLKY Rise and Fall Times
tRXY, tFXY
10
20
ns
Hold Time from CLKX, CLKY to
FSX, FSY
tHOLD
0
ns
1
Setup Time from FSX, FSY to
CLKX, CLKY low
tSF
50
ns
1
Hold Time from CLKX, CLKY low
to FSX, FSY low
tHF
100
ns
1
XIN, YIN Setup to CLKX, CLKY
low
tSD
50
ns
1
XIN, YIN Hold to CLKX, CLKY
low
tHD
50
ns
1
Delay Time from CLKX, CLKY to
Valid XOUT, YOUT
tDXYO
10
150
ns
2
Delay Time from CLKX, CLKY to
XOUT, YOUT Tri-stated
tDXYZ
20
150
ns
1,2,3
NOTES:
1. Measured at VIH = 2.0V, VIL = 0.8V, and 10 ns maximum rise and fall times.
2. Load = 150 pF + 2 LSTTL loads.
3. For LSB of PCM byte or ADPCM nibble.
4. Maximum width of FSX, FSY is one CLKX, CLKY period.
5. MCLK = 10 MHz + 500 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com