전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS2812S/EM 데이터시트(PDF) 15 Page - International Rectifier

부품명 LS2812S/EM
상세설명  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

LS2812S/EM 데이터시트(HTML) 15 Page - International Rectifier

Back Button LS2812S/EM Datasheet HTML 8Page - International Rectifier LS2812S/EM Datasheet HTML 9Page - International Rectifier LS2812S/EM Datasheet HTML 10Page - International Rectifier LS2812S/EM Datasheet HTML 11Page - International Rectifier LS2812S/EM Datasheet HTML 12Page - International Rectifier LS2812S/EM Datasheet HTML 13Page - International Rectifier LS2812S/EM Datasheet HTML 14Page - International Rectifier LS2812S/EM Datasheet HTML 15Page - International Rectifier LS2812S/EM Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.irf.com
15
LS-SERIES
Mechanical Outline
Pin ø
0.040
ø 0.128
4 Plcs
2.300
1.550
0.375
0.850
0.350
1.500 1.750 2.000
2.80
Ref
0.250
0.425
Max
0.050
0.470
0.400
2 Eq Spaces
@ 0.200
0.270
1.000
Ref
0.400
0.400
0.200
Tolerance: .XX
= ±0.01
.XXX = ±0.005
0.220
0.25 Typ.
Pin Designation (Single/Dual)
Pin #
Single
Dual
1
+ Input
+ Input
2
Input Return
Input Return
3
Case Ground
Case Ground
4
Inhibit
Inhibit
5
Output Adjust
Output Adjust
6
Output Return
- Output
7
+ Output
Output Return
8
NC
+ Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16