전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH3605-2/3-Z 데이터시트(PDF) 16 Page - ams AG

부품명 SFH3605-2/3-Z
상세설명  Silicon NPN Phototransistor in MIDLED package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

SFH3605-2/3-Z 데이터시트(HTML) 16 Page - ams AG

Back Button SFH3605-2/3-Z Datasheet HTML 12Page - ams AG SFH3605-2/3-Z Datasheet HTML 13Page - ams AG SFH3605-2/3-Z Datasheet HTML 14Page - ams AG SFH3605-2/3-Z Datasheet HTML 15Page - ams AG SFH3605-2/3-Z Datasheet HTML 16Page - ams AG SFH3605-2/3-Z Datasheet HTML 17Page - ams AG SFH3605-2/3-Z Datasheet HTML 18Page - ams AG SFH3605-2/3-Z Datasheet HTML 19Page - ams AG SFH3605-2/3-Z Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SFH 3605
DATASHEET
DATASHEET
16 | Version 1.5 | 2023-06-16
Notes
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20