| 전자부품 데이터시트 검색엔진 |
|
DM15FY151JO3-RHR02 데이터시트(PDF) 8 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151JO3-RHR02 데이터시트(HTML) 8 Page - Sharma Electro Components,Inc |
|
8 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 300 V DC 100 V DC 50 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 12 C 6.35 4.06 2.29 15 - 20 C 6.35 4.32 2.54 6.35 4.06 2.29 22 C 6.35 4.32 2.54 6.35 4.06 2.54 6.35 4.06 2.29 24 C 6.35 4.32 2.54 6.35 4.32 2.54 6.35 4.06 2.29 27 - 36 E 6.35 4.32 2.79 6.35 4.32 2.54 6.35 4.06 2.29 39 E 6.35 4.57 2.79 6.35 4.32 2.54 6.35 4.06 2.29 43 E 6.35 4.57 3.05 6.35 4.32 2.54 6.35 4.32 2.54 47 - 51 E 6.35 4.57 3.05 6.35 4.32 2.79 6.35 4.32 2.54 56 - 62 E 6.35 4.57 3.30 6.35 4.32 2.79 6.35 4.32 2.54 68 E 6.35 4.83 3.30 6.35 4.57 2.79 6.35 4.32 2.54 75 - 82 E 6.35 4.83 3.56 6.35 4.57 3.05 6.35 4.32 2.54 91 F 6.35 4.83 3.81 6.35 4.57 3.05 6.35 4.32 2.79 100 F 6.35 5.08 4.06 6.35 4.57 3.30 6.35 4.32 2.79 110 F 6.35 5.08 4.06 6.35 4.83 3.30 6.35 4.32 2.79 120 F 6.35 5.33 4.32 6.35 4.83 3.56 6.35 4.32 2.79 130 F 6.35 4.83 3.56 6.35 4.32 2.79 150 F 6.35 4.83 3.81 6.35 4.57 3.05 160 F 6.35 5.08 3.81 6.35 4.57 3.05 170 - 180 F 6.35 5.08 4.06 6.35 4.57 3.05 200 F 6.35 5.33 4.32 6.35 4.57 3.30 220 F 6.35 4.83 3.30 240 - 270 F 6.35 4.83 3.56 300 F 6.35 4.83 3.81 330 - 360 F 6.35 5.08 4.06 390 F 6.35 5.33 4.32 CAPACITANCE VOLTAGE VALUE in pF 300 V DC 100 V DC 50 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 12 C 0.250 0.160 0.090 15 - 20 C 0.250 0.170 0.100 0.250 0.160 0.090 22 C 0.250 0.170 0.100 0.250 0.160 0.100 0.250 0.160 0.090 24 C 0.250 0.170 0.100 0.250 0.170 0.100 0.250 0.160 0.090 27 - 36 E 0.250 0.170 0.110 0.250 0.170 0.100 0.250 0.160 0.090 39 E 0.250 0.180 0.110 0.250 0.170 0.100 0.250 0.160 0.090 43 E 0.250 0.180 0.120 0.250 0.170 0.100 0.250 0.170 0.100 47 - 51 E 0.250 0.180 0.120 0.250 0.170 0.110 0.250 0.170 0.100 56 - 62 E 0.250 0.180 0.130 0.250 0.170 0.110 0.250 0.170 0.100 68 E 0.250 0.190 0.130 0.250 0.180 0.110 0.250 0.170 0.100 75 - 82 E 0.250 0.190 0.140 0.250 0.180 0.120 0.250 0.170 0.100 91 F 0.250 0.190 0.150 0.250 0.180 0.120 0.250 0.170 0.110 100 F 0.250 0.200 0.160 0.250 0.180 0.130 0.250 0.170 0.110 110 F 0.250 0.200 0.160 0.250 0.190 0.130 0.250 0.170 0.110 120 F 0.250 0.210 0.170 0.250 0.190 0.140 0.250 0.170 0.110 130 F 0.250 0.190 0.140 0.250 0.170 0.110 150 F 0.250 0.190 0.150 0.250 0.180 0.120 160 F 0.250 0.200 0.150 0.250 0.180 0.120 170 - 180 F 0.250 0.200 0.160 0.250 0.180 0.120 200 F 0.250 0.210 0.170 0.250 0.180 0.130 220 F 0.250 0.190 0.130 240 - 270 F 0.250 0.190 0.140 300 F 0.250 0.190 0.150 330 - 360 F 0.250 0.200 0.160 390 F 0.250 0.210 0.170 SCDM 05 Mica Capacitors SCDM05 Case Dimensions in Millimeters Lead Spacing: 3.05 ± 0.8mm SCDM05 Case Dimensions in Inches Lead Spacing: 0.120 ± 0.031” Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 8 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |