전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWIXP425BC 데이터시트(PDF) 49 Page - Intel Corporation

부품명 FWIXP425BC
상세설명  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP425BC 데이터시트(HTML) 49 Page - Intel Corporation

Back Button FWIXP425BC Datasheet HTML 45Page - Intel Corporation FWIXP425BC Datasheet HTML 46Page - Intel Corporation FWIXP425BC Datasheet HTML 47Page - Intel Corporation FWIXP425BC Datasheet HTML 48Page - Intel Corporation FWIXP425BC Datasheet HTML 49Page - Intel Corporation FWIXP425BC Datasheet HTML 50Page - Intel Corporation FWIXP425BC Datasheet HTML 51Page - Intel Corporation FWIXP425BC Datasheet HTML 52Page - Intel Corporation FWIXP425BC Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
49
VCCOSC
I
1.3-V power supply input pins used for the internal logic of the analog oscillator
circuitry.
Requires special power filtering circuitry. Refer to Figure 12 on page 84
VSSOSC
I
Ground power supply input pins used for the internal logic of the analog oscillator
circuitry. Used in conjunction with the VCCOSC pins.
Requires special power filtering circuitry. Refer to Figure 12 on page 84
VCCPLL1
I
1.3-V power supply input pins used for the internal logic of the analog phase lock-loop
circuitry.
Requires special power filtering circuitry. Refer to Figure 9 on page 83
VCCPLL2
I
1.3-V power supply input pins used for the internal logic of the analog phase lock-loop
circuitry.
Requires special power filtering circuitry. Refer to Figure 10 on page 83
Table 19.
Power Interface (Sheet 2 of 2)
Name
Type†
Description
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More