| 전자부품 데이터시트 검색엔진 |
|
GWIXP425BCT 데이터시트(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP425BCT 데이터시트(HTML) 1 Page - Intel Corporation |
|
1 / 134 page ![]() Document Number: 252479, Revision: 005 March 2005 Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet Product Features For a complete list of product features, see “Product Features” on page 11. Typical Applications The following features do not require enabling software: ■ Intel XScale ® Core — Up to 533 MHz ■ PCI Interface ■ USB v1.1 Device Controller ■ SDRAM Interface ■ High-Speed UART ■ Console UART ■ Internal Bus Performance Monitoring Unit ■ 16 GPIOs ■ Four Internal Timers ■ Packaging —492-pin PBGA ■ Commercial/Extended Temperature The following features do require enabling software: ■ Encryption/Authentication (AES,DES,3DES,SHA-1,MD5) ■ Two High-Speed, Serial Interfaces ■ Three Network Processor Engines ■ Up to two MII Interfaces ■ One UTOPIA-2 Interface ■ Multi-Channel HDLC Note: Refer to the Intel® IXP400 Software Programmer’s Guide for information on which features are currently enabled. ■ High-Performance DSL Modem ■ High-Performance Cable Modem ■ Residential Gateway ■ SME Router ■ Network Printers ■ Control Plane ■ Integrated Access Device (IAD) ■ Set-Top Box ■ Access Points (802.11a/b/g) ■ Industrial Controllers |
유사한 부품 번호 - GWIXP425BCT |
|
유사한 설명 - GWIXP425BCT |