| 전자부품 데이터시트 검색엔진 |
|
GWIXC1100BDT 데이터시트(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXC1100BDT 데이터시트(HTML) 51 Page - Intel Corporation |
|
51 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet March 2005 Document Number: 252479, Revision: 005 51 Figure 8. Package Markings Note: See Table 20 for specific on “Level 1 Name.” Table 20. Part Numbers (Sheet 1 of 2) Device Stepping Speed (MHz) Part # Intel® IXP425 Network Processor B-0 533 FWIXP425BD Intel® IXP425 Network Processor B-0 400 FWIXP425BC Intel® IXP425 Network Processor B-0 266 FWIXP425BB Intel® IXP425 Network Processor B-0 533 Extended Temperature GWIXP425BDT Intel® IXP425 Network Processor B-0 400 Extended Temperature GWIXP425BCT Intel® IXP425 Network Processor B-0 266 Extended Temperature GWIXP425BBT Intel® IXP423 Network Processor B-0 266 FWIXP423BB Intel® IXP422 Network Processor B-0 266 FWIXP422BB Intel® IXP421 Network Processor B-0 266 FWIXP421BB BSMC (ATPO#, Date Code and COO) Pin #1 (Not a mark) i FWIXP42XBX <FPO> INTEL M C 2002 Level 1 Name <ATPO> YWW KOREA BSMC marking zone: 0.380” max. * |