전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS12C40CT 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 FS12C40CT
상세설명  12.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FS12C40CT 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FS12C40CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FS12C40CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS12C20CT thru FS12C120CT
Pb Free Plating Product
FS12C20CT thru FS12C120CT
Pb
12.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
2.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x6.0A=12.0A)
12.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
125
Maximum Instantaneous Forward Voltage
@6.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
FS12C20CT
FS12C40CT
FS12C60CT
FS12C80CT
FS12C100CT
FS12C120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
FS12C30CT
Features
TO-263AB/D2PAK
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※Case:Surface Mount TO-263AB/D2PAK package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 1.8 gram approximately
Positive
Negative
Common Cathode
Common Anode
Doubler
Doubler Polarity
Series
Series Connection
Prefix "FS12A"
Prefix "FS12D"
Prefix "FS12S"
Prefix "FS12C"
Case
Case
Case
Case


유사한 부품 번호 - FS12C40CT

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FS12CH GOOD-ARK-FS12CH Datasheet
364Kb / 4P
Surface Mount Schottky Rectifier
FS12CH GOOD-ARK-FS12CH_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 1.2A
More results

유사한 설명 - FS12C40CT

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
MUR1220FCT THINKISEMI-MUR1220FCT Datasheet
279Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
URF1220C THINKISEMI-URF1220C Datasheet
283Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
U12C20C THINKISEMI-U12C20C_18 Datasheet
274Kb / 2P
12.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
F12C20C THINKISEMI-F12C20C_V01 Datasheet
334Kb / 2P
12.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
12F20HF3 THINKISEMI-12F20HF3 Datasheet
277Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
R12U02DF THINKISEMI-R12U02DF Datasheet
300Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
2CR122 THINKISEMI-2CR122 Datasheet
256Kb / 2P
12.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
MUR12C20CT THINKISEMI-MUR12C20CT Datasheet
265Kb / 2P
12.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.13T
MURB1220CT THINKISEMI-MURB1220CT Datasheet
319Kb / 2P
12.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MURF1220CT THINKISEMI-MURF1220CT_V01 Datasheet
328Kb / 2P
12.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com