전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6714D 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 L6714D
상세설명  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714D 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button L6714D Datasheet HTML 8Page - STMicroelectronics L6714D Datasheet HTML 9Page - STMicroelectronics L6714D Datasheet HTML 10Page - STMicroelectronics L6714D Datasheet HTML 11Page - STMicroelectronics L6714D Datasheet HTML 12Page - STMicroelectronics L6714D Datasheet HTML 13Page - STMicroelectronics L6714D Datasheet HTML 14Page - STMicroelectronics L6714D Datasheet HTML 15Page - STMicroelectronics L6714D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Pin settings
L6714
12/70
60
PGND1
Channel 1 LS Driver return path. Connect to Power ground Plane.
61
LGATE1
Channel 1 LS Driver Output.A small series resistor helps in reducing device-
dissipated power.
62
VCCDR1
Channel 1 LS Driver Supply.
It must be connected to others VCCDRx pins.
LS Driver supply can range from 5Vbus up to 12Vbus, filter with 1µF MLCC cap
vs. PGND1.
63
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 mosfet source and provides return path for the
HS driver of channel 1.
64
N.C.
Not internally connected.
PAD
THERMAL
PAD
Thermal pad connects the Silicon substrate and makes good thermal contact
with the PCB to dissipate the power necessary to drive the external mosfets.
Connect to the PGND plane with several VIAs to improve thermal conductivity.
Table 1.
Pin functions
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70