| 전자부품 데이터시트 검색엔진 |
|
T4FC2012F-121 데이터시트(PDF) 1 Page - Transko Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
T4FC2012F-121 데이터시트(HTML) 1 Page - Transko Electronics, Inc. |
|
1 / 5 page ![]() T4FC2012F SERIES 3981 E. Miraloma Ave. Anaheim, CA 92806 USA Tel: 714-528-8000 www.transko.com sales@transko.com Rev 1: 05 - 09 - 2018 Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm) • High common mode impedance at high frequency • Ideal for use as common-mode chokes for USB2.0, IEEE 1394, and LVDS • Halogen Free RoHS compliant FEATURES • excellent noise suppression performance SPECIFICATION T4FC2012F-670 67 @ 100MHz 25 400 50 10 125 0.25 T4FC2012F-900 90 @ 100MHz 25 330 50 10 125 0.35 T4FC2012F-121 120 @ 100MHz 25 370 50 10 125 0.30 T4FC2012F-161 160 @ 100MHz 25 330 50 10 125 0.33 T4FC2012F-181 180 @ 100MHz 25 330 50 10 125 0.35 T4FC2012F-221 220 @ 100MHz 25 310 50 10 125 0.35 T4FC2012F-261 260 @ 100MHz 25 300 50 10 125 0.40 T4FC2012F-371 370 @ 100MHz 25 280 50 10 125 0.40 T4FC2012F-671 670 @ 100MHz 25 250 50 10 125 0.40 Common Mode Tolerance Rated Current Rated Voltage Insulation Withstanding DC Res Part No. Impedance typ. (Ω) Max (%) Max (mA) ( Ω) Ω) • Electrical measurements at ambient temperature of 20°C • Test equipment: HP4291B DIMENSIONS SCHEMATIC SOLDER PATTERN |
유사한 부품 번호 - T4FC2012F-121 |
|
유사한 설명 - T4FC2012F-121 |