| 전자부품 데이터시트 검색엔진 |
|
SP7618 데이터시트(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7618 데이터시트(HTML) 8 Page - Sipex Corporation |
|
8 / 10 page ![]() 8 Date: Dec 5-06 Rev E Constant Current LED Driver © 2006 Sipex Corporation To obtain the best performance from the SP768, a printed circuit board with ground plane is required. High quality, low series resistance ceramic µF bypass capacitors should be used at the Vcc pin (pin 3). These capacitors must be located as close to pins 3 – 6 as possible. The traces connecting the pins and the bypassing capacitors must be kept short and should be made as wide as possible. Pins – 2 are connected together internally but we recommend connecting the LED cathode to both pins to avoid additional power losses at high current. Pins 6, 7 and 8 should be connected to the ground plane. BoardlayoutshouldpreventhighLEDground current from flowing through signal ground connected to pin 6. This pin is a separate ground for the reference and logic sections of the SP768. The quiescent current for the partflowsintotheVCCpinandoutoftheGND pin. This current is proportional to the Iled current divided by approximately 500. TIMING DIAGRAM BOARD LAYOUT AND GROUNDING |