| 전자부품 데이터시트 검색엔진 |
|
AS1004-2.5LP 데이터시트(PDF) 7 Page - Astec America, Inc |
|
|
|||||||||||||||||||||||||||||
AS1004-2.5LP 데이터시트(HTML) 7 Page - Astec America, Inc |
|
7 / 8 page ![]() Micropower Voltage Reference AS1004 ASTEC Semiconductor 35 Typical Applications 2.5V Reference VIN 3 k OUT AS1004-1.2 VIN 100 k OUT AS1004-2.5 VIN 100 k OUT AS1004-2.5 22 Ω 50 µF Low Noise Reference 1.235V Reference Figure 20 Figure 21 Figure 15 Figure 16 Figure 17 High Stability 5V Regulator VIN OUT AS1004-2.5 200 Ω 10 µF 0.1 µF + 5 k V- LM317 VIN VOUT ADJ R ≤ V -– 1V 0.015 mA Variable Output Regulator Figure 18 Figure 19 Lead Acid Low Battery Detector – + 12 V 86.7 k 500 k 150 pF AS1004-1.2 500 k LO = Battery Low Micropower 10V Reference VIN ≥ 8 V 5 V OUT AS1004-2.5 976 Ω, 1% 22 µF + LM338 VIN VOUT ADJ 324 Ω, 1% 22 M 1 M 150 pF AS1004-1.2 – + 3.5 M 500 k LM4250 3 2 7 6 8 4 VIN = 12 V to 20 V |