| 전자부품 데이터시트 검색엔진 |
|
MPC8560CPXAPDB 데이터시트(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8560CPXAPDB 데이터시트(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1 Freescale Semiconductor 75 14.3 Pinout Listings Table 53 provides the pin-out listing for the MPC8560, 783 FC-PBGA package. Table 53. MPC8560 Pinout Listing Signal Package Pin Number Pin Type Power Supply Notes PCI/PCI-X PCI_AD[63:0] AA14, AB14, AC14, AD14, AE14, AF14, AG14, AH14, V15, W15, Y15, AA15, AB15, AC15, AD15, AG15, AH15, V16, W16, AB16, AC16, AD16, AE16, AF16, V17, W17, Y17, AA17, AB17, AE17, AF17, AF18, AH6, AD7, AE7, AH7, AB8, AC8, AF8, AG8, AD9, AE9, AF9, AG9, AH9, W10, Y10, AA10, AE11, AF11, AG11, AH11, V12, W12, Y12, AB12, AD12, AE12, AG12, AH12, V13, Y13, AB13, AC13 I/O OVDD 17 PCI_C_BE[7:0] AG13, AH13, V14, W14, AH8, AB10, AD11, AC12 I/O OVDD 17 PCI_PAR AA11 I/O OVDD PCI_PAR64 Y14 I/O OVDD PCI_FRAME AC10 I/O OVDD 2 PCI_TRDY AG10 I/O OVDD 2 PCI_IRDY AD10 I/O OVDD 2 PCI_STOP V11 I/O OVDD 2 PCI_DEVSEL AH10 I/O OVDD 2 PCI_IDSEL AA9 I OVDD PCI_REQ64 AE13 I/O OVDD 5, 10 PCI_ACK64 AD13 I/O OVDD 2 PCI_PERR W11 I/O OVDD 2 PCI_SERR Y11 I/O OVDD 2, 4 PCI_REQ0 AF5 I/O OVDD PCI_REQ[1:4] AF3, AE4, AG4, AE5 I OVDD PCI_GNT[0] AE6 I/O OVDD PCI_GNT[1:4] AG5, AH5, AF6, AG6 O OVDD 5, 9 |