| 전자부품 데이터시트 검색엔진 |
|
MPC8560CPXALDB 데이터시트(PDF) 85 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8560CPXALDB 데이터시트(HTML) 85 Page - Freescale Semiconductor, Inc |
|
85 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1 Freescale Semiconductor 85 Clocking 15.3 e500 Core PLL Ratio Table 57 describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This ratio is determined by the binary value of LALE and LGPL2 at power up, as shown in Table 57. Table 56. CCB Clock Ratio Binary Value of LA[28:31] Signals Ratio Description 0000 16:1 ratio CCB clock: SYSCLK (PCI bus) 0001 Reserved 0010 2:1 ratio CCB clock: SYSCLK (PCI bus) 0011 3:1 ratio CCB clock: SYSCLK (PCI bus) 0100 4:1 ratio CCB clock: SYSCLK (PCI bus) 0101 5:1 ratio CCB clock: SYSCLK (PCI bus) 0110 6:1 ratio CCB clock: SYSCLK (PCI bus) 0111 Reserved 1000 8:1 ratio CCB clock: SYSCLK (PCI bus) 1001 9:1 ratio CCB clock: SYSCLK (PCI bus) 1010 10:1 ratio CCB clock: SYSCLK (PCI bus) 1011 Reserved 1100 12:1 ratio CCB clock: SYSCLK (PCI bus) 1101 Reserved 1110 Reserved 1111 Reserved Table 57. e500 Core to CCB Ratio Binary Value of LALE, LGPL2 Signals Ratio Description 00 2:1 e500 core:CCB 01 5:2 e500 core:CCB 10 3:1 e500 core:CCB 11 7:2 e500 core:CCB |