전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TG-NSP35-2 데이터시트(PDF) 2 Page - T-Global Technology

부품명 TG-NSP35-2
상세설명  Non-Silicone Thermal Putty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGLOBAL [T-Global Technology]
홈페이지  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-NSP35-2 데이터시트(HTML) 2 Page - T-Global Technology

  TG-NSP35-2 Datasheet HTML 1Page - T-Global Technology TG-NSP35-2 Datasheet HTML 2Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +44 (0)1455 553 510 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com
TG-NSP35
Non-Silicone Thermal Putty
Installation Guidelines
For full turn-key support, including design, testing, supply and installation of
dispensing systems suitable for prototyping to fully automated volume production
please contact t-global.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. However, since the varied conditions of potential use are beyond our
control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their own test to determine the
suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise,
except that this product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology Europe and North America’s invoice, quotation,
or order acknowledgment. We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are
assumed by the user. Furthermore, nothing contained herein shall be construed as a recommendation to use any process or to manufacture or to use any product in
conflict with existing or future patents covering any product or material or its use.
Standard Packaging
Size
Pot
Weight
Cartridges
30cc
50cc
75cc
180cc
360cc
600cc
Pails
2.1kg
5kg
9kg
25kg
36kg
-



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com