| 전자부품 데이터시트 검색엔진 |
|
CSNK141 데이터시트(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNK141 데이터시트(HTML) 1 Page - Honeywell Solid State Electronics Center |
|
1 / 9 page ![]() Solid State Sensors CSN Series Closed Loop Current Sensors 60 Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada FEATURES Current sensing up to 1200 amps Measures AC, DC and impulse currents Lowest cost/performance ratio Rapid response, no overshoot High overload capacity High level of electrical isolation between primary and secondary circuits Small size and weight CLOSED LOOP SENSORS Closed loop current sensors measure AC, DC and impulse currents over 0-25, 0-50, 0-100, 0-600 and 0-1200 Amp rang- es. The CSN Series is based on the princi- ples of the Hall effect and the null balance or zero magnetic flux method (feedback system). The magnetic flux in the sensor core is constantly controlled at zero. The amount of current required to balance zero flux is the measure of the primary current flowing through the conductor, multiplied by the ratio of the primary to secondary windings. This closed loop current is the output from the device and presents an image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor. CATALOG NUMBER SYSTEM PLEASE NOTE: This matrix is intended only to aid you in identifying sensor cata- log listings. It is not all-inclusive, and must not be used to form new listings. Example: CSNA111 CSN Closed Loop Current Sensor Current Range (Peak/RMS nom.) A ±70 A/50 A rms nom. B ±100 A/50 A rms nom. C ±90 A/50 A rms nom. D ±22 A/15 A rms nom. E ±36 A/25 A rms nom. F ±150 A/100 A rms nom. J ±600 A/300 A rms nom. K ±1200 A/500 A rms nom. L ±600 A/300 A rms nom. M ±1200 A/500 A rms nom. P ±90 A/50 A rms nom. R ±200 A/125 A rms nom. T ±150 A/50 A rms nom. Supply Voltage 1 ±15 V 2 ±13 V 3 ±5V 4 ±12Vto18V 5 ±15Vto24V 6 ±12Vto15V Coil Characteristics 1 1:1000 turns/90 @ 70°C 2 1:2000 turns/160 @ 70°C 3 1:2000 turns/130 @ 70°C 4 1:1000 turns/50 @ 70°C 5 1:1000 turns/110 @ 70°C 6 1:1000 turns/30 @ 70°C 7 1:2000 turns/80 @ 70°C 8 1:2000 turns/25 @ 70°C 9 1:5000 turns/50 @ 85°C Housing Material 1 Polycarbonate/ABS blend PDFINFO p a g e - 0 6 0 |
유사한 부품 번호 - CSNK141 |
|
유사한 설명 - CSNK141 |