| 전자부품 데이터시트 검색엔진 |
|
L3924AD 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3924AD 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VLN Positive Line Voltage Continuous 12 V ILN Line Current 140 mA VDD Logic Voltage 7.0 V VI Maximum Voltage on Any Pin GND(-0.3) VDD(+0.3) V Tamb Operating Temperature Range -25 to +75 °C Tstg Storage Temperature -40 to 125 °C Ptot Total Power Dissipation 700 mW ELECTRICAL CHARACTERISTICS (IL = 10 to 120mA; VDD = 3V; f = 1KHz; Tamb =25 °C, unless other- wise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit Fig. VLN Line Voltage IL = 4mA IL = 15mA IL = 120mA RA = 68K Ω ; IL = 15mA RB = 39K Ω ;IL = 15mA 3.15 3.50 3.2 4.1 2.50 3.85 7.0 V V V V V 3 VDD Logic Voltage) TONE MODE PULSE MODE 2.50 2.20 6.00 6.00 V V 3 IDD Supply Current Into VDD TONE MODE PULSE MODE 600 400 µA µA 3 ICC Supply Current Into VCC IL = 15mA 1.30 mA 3 ILED Supply Current to HOLD LED IL = 15mA IL = 120mA 4 30 mA mA 3 VMR Memory Retention Voltage 1.50 V 4 IMR Memory Retention Current 1.00 µA4 IS Off-Hook Stand-by Current VDD = 4.0V 150 250 µA3 IPL Pulse Output Sink Current VO = 0.5V 1.00 3.00 mA 3 IPO Pacifier Tone Sink/Source Current VO = 0.5V (Sink) VO = 2.5V (Source) 1 0.6 3 1 mA mA 3 VIL HKS, Mode, Keyboard Inputs Low 0.3xVDD V- VIH HKS, Mode, Keyboard Inputs High 0.7xVDD V- GTX Transmit Gain Vmic = 2mVrms IL = 15mA; RGTX = 68K Ω IL = 60mA; RGTX = 68K Ω 50.0 44.5 51.5 46.5 53.0 48.5 dB dB 6 AGTX Transmit Gain Variation with RGTX IL = 15mA Vmic = 2mVrms RGTX = 43K Ω RGTX = 27K Ω –8 –4 –8 0dB dB dB 6 DTX Transmit Distortion IL = 15mA; VLN = 1Vrms 2 % 6 NTX Transmit Noise IL = 15mA; Vmic = 0V –72 dBmp 6 ZMIC Microphone Input Impedance 64 K Ω 5 GDTMF DTMF Gain (Output @ LN) IL =15mA ; RDTMF =2.25K Ω 38 40 42 dB 7 CDTMF Confidence Tone Level Vear/VLN –34 –32 –30 dB 7 L3914A - L3924A - L3934A 7/15 |