| 전자부품 데이터시트 검색엔진 |
|
UPD6P4BGS 데이터시트(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P4BGS 데이터시트(HTML) 5 Page - Renesas Technology Corp |
|
5 / 34 page ![]() 3 µPD6P4B Data Sheet U13594EJ2V1DS00 Caution Round brackets ( ) indicate the pins not used in the PROM programming mode. L : Connect each of these pins to GND via a pull-down resistor. BLOCK DIAGRAM (2) PROM programming mode 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 D6 D7 CLK (L) VDD XOUT XIN GND VPP D5 D4 D3 D2 D1 D0 MD3 MD2 MD1 MD0 KI0-KI3 KI/O0-KI/O7 S0, S1/LED PORT KI PORT KI/O PORT S 4 8 2 4 8 2 ONE- TIME PROM RAM SYSTEM CONTROL CARRIER GENERATOR 9-bit TIMER CPU CORE RESET XIN XOUT VDD GND REM S1/LED |