| 전자부품 데이터시트 검색엔진 |
|
74ALVC245D 데이터시트(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74ALVC245D 데이터시트(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 14 page ![]() Nexperia 74ALVC245 Octal bus transceiver; 3-state UNIT A1 A2 A3 bp c D (1) E (2) (1) e HE L Lp Q Z y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 6.6 6.4 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.5 0.2 8 0 o o 0.13 0.1 0.2 1 DIMENSIONS (mm are the original dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 SOT360-1 MO-153 99-12-27 03-02-19 w M bp D Z e 0.25 1 10 20 11 pin 1 index θ A A1 A2 Lp Q detail X L (A ) 3 HE E c v M A X A y 0 2.5 5 mm scale TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm SOT360-1 A max. 1.1 Fig. 9. Package outline SOT360-1 (TSSOP20) 74ALVC245 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 3 — 30 April 2021 10 / 14 |