전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRB1640CT 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 MBRB1640CT
상세설명  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBRB1640CT 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  MBRB1640CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBRB1640CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: 1. Thermal resistance from junction to case.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average
forward current
per device
IAV
A
per diode
Peak forward surge current,
8.3ms single half sine-wave
IFSM
A
Typical thermal resistance
(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Maximum forward voltage
at IF=8A
VF
V
Maximum average reverse
IR
0.01
mA
5
TJ=25°C
TJ=125°C
-55 to +150
0.10
15
16
8
40
28
40
45
32
45
60
42
60
100
70
100
150
105
150
200
140
200
180
per leg
0.65
0.75
0.85
0.92
MBRB
1640CT
2.5
superimposed on rated load
current at rated DC blocking
voltage
MBRB
1645CT
MBRB
1660CT
MBRB
16100CT
MBRB
16150CT
MBRB
16200CT
SCHOTTKY BARRIER RECTIFIERS
MBRB1640CT - MBRB16200CT
CURRENT: 16 A
VOLTAGE RANGE: 40 - 200V
Features
 High efficiencty operation
 Low power loss
 High forward surge capability
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Green molding compound as per IEC61249
Std (Halogen Free)
 Low stored charge majority carrier conduction
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
1 of 2
www.sunmate.tw
Mechanical Data
TO-263(D PAK)
2
10±0.2
6.7±0.3
1.3±0.2
1.3±0.2
0.8±0.2
5.08±0.2
4.6±0.2
1.27±0.1
2.5±0.2
0-0.25
0.38±0.1
0~5
PIN1
PIN3
PIN2
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
 Circuit figure: Single positive
TO-263(D PAK) 1.35 grams
2
PIN 1
PIN 3
PIN 2 &
(case)


유사한 부품 번호 - MBRB1640CT

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MBRB1640CT MCC-MBRB1640CT Datasheet
594Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1640CT MCC-MBRB1640CT Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

유사한 설명 - MBRB1640CT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com