전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC1211STR 데이터시트(PDF) 3 Page - Semtech Corporation

부품명 SC1211STR
상세설명  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211STR 데이터시트(HTML) 3 Page - Semtech Corporation

  SC1211STR Datasheet HTML 1Page - Semtech Corporation SC1211STR Datasheet HTML 2Page - Semtech Corporation SC1211STR Datasheet HTML 3Page - Semtech Corporation SC1211STR Datasheet HTML 4Page - Semtech Corporation SC1211STR Datasheet HTML 5Page - Semtech Corporation SC1211STR Datasheet HTML 6Page - Semtech Corporation SC1211STR Datasheet HTML 7Page - Semtech Corporation SC1211STR Datasheet HTML 8Page - Semtech Corporation SC1211STR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Electrical Characteristics
Absolute Maximum Ratings
Unless specified: T
A
= 25°C; V
IN
= 12V; V
REG
= 8.5V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Supply Voltage
V
I N
9
12
15
V
Quiescent Current, Operating
Iq_op
3.0
mA
Under Voltage Lockout
Start Threshold of V
REG Voltage
V
REG_START
4
4.3
V
Hysteresis
Vhys
UVLO
160
mV
Internal LDO
LDO Output
V
REG
V
I N = 9V to 16V
8.5
V
Drop Out Voltage
V
DROP
V
I N = 5V to 8.8V
0.3
V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Parameter
Symbol
Conditions
Maximum
Units
V
I N Supply Voltage
V
I N
16
V
BST to DRN
V
BST-DRN
11
V
BST to PGND
V
BST-PGND
40
V
BST to PGND Pulse
V
BST-PULSE
t
PULSE < 100ns
45
V
DRN to PGND
V
DRN-PGND
-2 to 30
V
DRN to PGND Pulse
V
DRN-PULSE
t
PULSE < 200ns
-5 to 35
V
VPN to PGND
V
PN
16
V
VPN to PGND Pulse
V
PN-PULSE
t
PULSE < 100ns
20
V
PWM Input
CO
-0.3 to 8.5
V
Continuous Power Dissipation
P
D
T
A
= 25°C, T
J
=125°C
2.56
W
Thermal Resistance Junction to Case
θ
JC
8
°C/W
Operating Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 Sec.
T
LEAD
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11