| 전자부품 데이터시트 검색엔진 |
|
UPD23C32040AL 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD23C32040AL 데이터시트(HTML) 4 Page - Renesas Technology Corp |
|
4 / 26 page ![]() 2 μPD23C32040AL, 23C32080AL Data Sheet M15772EJ4V0DS Ordering Information Part Number Package μPD23C32040ALGY-xxx-MJH 48-pin PLASTIC TSOP(I) (12 x 18) (Normal bent) μPD23C32040ALGY-xxx-MKH 48-pin PLASTIC TSOP(I) (12 x 18) (Reverse bent) μPD23C32040ALGX-xxx 44-pin PLASTIC SOP (15.24 mm (600)) μPD23C32080ALGY-xxx-MJH 48-pin PLASTIC TSOP(I) (12 x 18) (Normal bent) μPD23C32080ALGY-xxx-MKH 48-pin PLASTIC TSOP(I) (12 x 18) (Reverse bent) μPD23C32080ALGX-xxx 44-pin PLASTIC SOP (15.24 mm (600)) μPD23C32040ALGY-xxx-MJH-A 48-pin PLASTIC TSOP(I) (12 x 18) (Normal bent) μPD23C32040ALGY-xxx-MKH-A 48-pin PLASTIC TSOP(I) (12 x 18) (Reverse bent) μPD23C32040ALGX-xxx-A 44-pin PLASTIC SOP (15.24 mm (600)) μPD23C32080ALGY-xxx-MJH-A 48-pin PLASTIC TSOP(I) (12 x 18) (Normal bent) μPD23C32080ALGY-xxx-MKH-A 48-pin PLASTIC TSOP(I) (12 x 18) (Reverse bent) μPD23C32080ALGX-xxx-A 44-pin PLASTIC SOP (15.24 mm (600)) Remarks 1. xxx : ROM code suffix No. 2. Products with -A at the end of the part number are lead-free products. <R> <R> <R> <R> <R> <R> <R> |