| 전자부품 데이터시트 검색엔진 |
|
DSP1A-L2-DC3V-R 데이터시트(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
|
|||||||||||||||||||||||||||||
DSP1A-L2-DC3V-R 데이터시트(HTML) 3 Page - Nais(Matsushita Electric Works) |
|
3 / 5 page ![]() DSP 236 2a type (DSP2a) Single side stable 1 coil latching 2 coil latching General tolerance: ±0.3 ± .012 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 20.2 .795 7.62 .300 7.2 .283 1.21 .048 10.16 .400 0.8 .031 0.8 .031 0.3 .012 10.0 .394 10.5 .413 3.5 .138 1.0 .039 1.0 .039 20.2 .795 7.62 .300 7.62 .300 7.2 .283 1.21 .048 2.54 .100 0.3 .012 11.0 .433 7.62 .300 PC board pattern (Copper-side view) Single side stable 2 coil latching Tolerance: ±0.1 ± .004 6-1.2 dia. 6-.047 dia. 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 ×4 .100 ×4 8-1.2 dia. 8-.047 dia. 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 ×3 .100 ×3 2.54 .100 Schematic (Bottom view) Single side stable (Deenergized condition) 2 coil latching (Reset condition) 8 1 + – 16 5 912 1 + – 16 2 + – 15 85 912 REFERENCE DATA 1. Max. switching capacity 2.-(1) Life curve (1a1b type) 2.-(2) Life curve (1a1b type) 1000 100 10 0 0.1 1 10 1a1b 2a 1a Current, A 100 10 01 2 4 37 6 5 Switching capacity, A 265 V·130 V AC cos ϕ = 1 265 V·130 V AC cos ϕ = 0.4 100 50 10 0.5 1 10 5 Switching capacity, A 30 V DC L/R = 7 ms 30 V DC resistive 3.-(1) Coil temperature rise (1a type) Sample: DSP1a-DC12V, 5 pcs. 3.-(2) Coil temperature rise (1a1b type) Sample: DSP1-DC12V, 5 pcs. 3.-(3) Coil temperature rise (2a type) Sample: DSP2a-DC12V, 5 pcs. 50 60 40 10 20 30 0 80 100 120 8A 0A Coil applied voltage, %V 50 60 40 10 20 30 0 80 100 120 5A 0A Coil applied voltage, %V 50 60 40 10 20 30 0 80 100 120 5A 0A Coil applied voltage, %V 4.-(1) Operate & release time (without diode, 1a type) Sample: DSP1a-DC12V, 5 pcs. 4.-(2) Operate & release time (without diode, 1a1b type) Sample: DSP1-DC12V, 5 pcs. 4.-(3) Operate & release time (without diode, 2a type) Sample: DSP2a-DC12V, 5 pcs.) 80 100 120 4 3 2 1 0 5 6 7 Max. x Max. Min. Coil applied voltage, %V x Min. Operate time Release time 80 100 110 0 1 2 3 4 5 6 7 8 9 Max. Min. x x Max. Min. Coil applied voltage, %V Operate time Release time 80 100 120 0 1 2 3 4 5 6 7 8 9 Max. Min. x x Max. Min. Coil applied voltage, %V Operate time Release time mm inch |