전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT24CS32-STUM-T 데이터시트(PDF) 15 Page - Microchip Technology

부품명 AT24CS32-STUM-T
상세설명  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32-STUM-T 데이터시트(HTML) 15 Page - Microchip Technology

Back Button AT24CS32-STUM-T Datasheet HTML 11Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 12Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 13Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 14Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 15Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 16Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 17Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 18Page - Microchip Technology AT24CS32-STUM-T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Figure 5-2. Software Reset
SCL
9
Device is
8
3
2
1
SDA
Dummy Clock Cycles
SDA Released
Software Reset
by EEPROM
In the event that the device is still non-responsive or remains active on the SDA bus, a power cycle must be used to
reset the device (see Power-Up Requirements and Reset Behavior).
AT24CS32
Device Operation and Communication
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42