전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAMG55J19 데이터시트(PDF) 11 Page - Microchip Technology

부품명 SAMG55J19
상세설명  Programmable Narrow-Band Power Line Communication (NB-PLC) system on chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMG55J19 데이터시트(HTML) 11 Page - Microchip Technology

Back Button SAMG55J19 Datasheet HTML 7Page - Microchip Technology SAMG55J19 Datasheet HTML 8Page - Microchip Technology SAMG55J19 Datasheet HTML 9Page - Microchip Technology SAMG55J19 Datasheet HTML 10Page - Microchip Technology SAMG55J19 Datasheet HTML 11Page - Microchip Technology SAMG55J19 Datasheet HTML 12Page - Microchip Technology SAMG55J19 Datasheet HTML 13Page - Microchip Technology SAMG55J19 Datasheet HTML 14Page - Microchip Technology SAMG55J19 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
6.
Electrical Characteristics
Please refer to PL360 and SAM G55J Datasheets for specific information about Electrical Characteristics.
6.1
Decoupling
For correct PLC transmission, a 4.7 µF decoupling capacitor must be added to each of the following VDDIO balls: D9,
E9, E10 and E11.
Please refer to the reference datasheets for other Decoupling Requirements.
6.2
Power Sequences
Please refer to the reference datasheets for Power Sequences Considerations.
6.3
Thermal Characteristics
Table 6-1. Thermal Resistance Data
Symbol
Parameter
Condition
Typ
Unit
θJA
Junction-to-ambient thermal resistance
Still Air
31.1
ºC/W
1m/s
21.9
2m/s
19.6
ΨJC
Junction-to-top center of package thermal characterization
-
1.9
θJA is calculated based on a standard JEDEC JESD51-5 defined environment (1.6mm thickness PCB, 4 copper
layers, 76.2mm x 114.3mm board) and is not reliable indicator of a device’s thermal performance in a non-JEDEC
environment. The customer should always perform their own calculations/simulations to ensure that their system’s
thermal performance is sufficient.
6.4
Power Consumption
Please refer to the reference datasheets for Power Consumption.
Electrical Characteristics
© 2020 Microchip Technology Inc.
Datasheet
60001600B-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com