| 전자부품 데이터시트 검색엔진 |
|
UPD75P4308GS 데이터시트(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD75P4308GS 데이터시트(HTML) 6 Page - Renesas Technology Corp |
|
6 / 61 page ![]() µPD75P4308 4 Data Sheet U10909EJ2V1DS 1. PIN CONFIGURATION (Top View) • 36-pin plastic shrink SOP (300 mil, 0.8 mm pitch) µPD75P4308GS µPD75P4308GS-A Vss 1 36 X1 2 P51/D5 35 RESET 3 P52/D6 34 4 P53/D7 33 5 P60/KR0/D0 32 P33/MD3 6 31 P32/MD2 7 30 P31/MD1 8 29 P30/MD0 9 28 P81 10 27 P80 11 P61/KR1/D1 26 P22/PCL 12 P62/KR2/D2 25 P21/PTO1 13 P63/KR3/D3 24 P20/PTO0 14 P70/KR4 23 P03/SI 15 P71/KR5 22 P02/SO/SB0 16 P72/KR6 21 P01/SCK 17 P73/KR7 20 P00/INT4 18 P13/TI0/TI1 19 X2 P23 P50/D4 P12/INT2 P11/INT1 P10/INT0 VDD VPP Note Note Connect VPP directly to VDD during normal operations. PIN IDENTIFICATIONS P00 to P03 : Port0 SI : Serial Input P10 to P13 : Port1 SO : Serial Output P20 to P23 : Port2 SB0 : Serial Bus 0 P30 to P33 : Port3 RESET : Reset P50 to P53 : Port5 TI0, 1 : Timer Input 0, 1 P60 to P63 : Port6 PTO0, 1 : Programmable Timer Output 0, 1 P70 to P73 : Port7 PCL : Programmable Clock P80, P81 : Port8 INT0, 1, 4 : External Vectored Interrupt 0, 1, 4 KR0 to KR7 : Key Return 0 to 7 INT2 : External Test Input 2 VDD : Positive Power Supply X1, 2 : System Clock Oscillation 1, 2 VSS : GND MD0 to 3 : Mode Selection 0 to 3 VPP : Programming Power Supply D0 to D7 : Data Bus 0 to 7 SCK : Serial Clock |