전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P324LP 데이터시트(PDF) 15 Page - Renesas Technology Corp

부품명 UPD78P324LP
상세설명  MOS INTEGRATED CIRCUIT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P324LP 데이터시트(HTML) 15 Page - Renesas Technology Corp

Back Button UPD78P324LP Datasheet HTML 11Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 12Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 13Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 14Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 15Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 16Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 17Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 18Page - Renesas Technology Corp UPD78P324LP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
µPD78P324, 78P324(A)
13
(2) Pins other than ports (2/2)
I/O
Output
Output
Input
Input
Input
—
—
Input
Input
—
—
—
—
Function
Access to external memory. Timing signal output for
externally latching the lower address which is output
from the AD0-AD7 pin.
Output of the signal which indicates that the watchdog
timer generated a non-maskable interrupt.
Normally, the EA pin is connected to VDD. By connecting
the EA pin to Vss, the system is placed in ROM-less mode
to access external memory. The level of the EA pin
cannot be switched over during operation.
Analog input to the A/D converter
Reference voltage input of the A/D converter.
Analog power of the A/D converter.
Ground of the A/D converter.
Input of the system reset.
Connection of the crystal oscillator for system clock
generation. When clocks are supplied externally, they are
input to the X1 pin and their reverse signals are input to
the X2 pin. (The X2 pin can also be left unconnected.)
Positive power voltage.
Ground.
Internally unconnected. Please connect this to Vss. (It can
also be left unconnected.)
Shared Pin Name
—
—
—
P70-P77
—
—
—
—
—
—
—
—
—
Pin Name
ASTB
WDTO
EA
AN0-AN7
AVREF
AVDD
AVSS
RESET
X1
X2
VDD
VSS
NC
1.2
PROM PROGRAMMING MODE (RESET = H, AVDD = L)
I/O
Input
Input
I/O
Input
Input
Input
—
Function
PROM programming mode setting
Address bus
Data bus
Program input
PROM enable input
Read strobe to PROM
Write power
Positive power voltage
Ground
Internally unconnected. Please connect this to VSS. (It can also be left uncon-
nected.)
Pin Name
AVDD
RESET
A0-A16
D0-D7
PGM
CE
OE
VPP
VDD
VSS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com