2 / 4 page

DTL Series
Pin
Function P51
Pin
Function P51
1
+5 Volt Supply
7
Control Voltage In (–)
2
+5 Volt Return
8
–Load
3
Fault
9
–Load
4
No Pin
10
+Load
5
Control Voltage In (+)
11
+Load
6
No Pin
Performance Specifications and Ordering Guide ➀
P AR T NUMBER STR UCTURE
MECHANICAL SPECIFICA TIONS
Input
Output
DTL
22
DATEL
Electronic Load
Voltage Range:
22 = 2.5 to 50V
A
A-Series
High Reliability
TEMPERA TURE DERA TING
11
8
9
10
1
2
4
3
5
6
7
METAL CASE
ALUMINUM BASEPLATE
2.00
(50.80)
2.00
(50.80)
0.20 MIN
(5.08)
1.20
(30.48)
6 EQ. SP. @
0.200 (5.08)
1.800
(45.72)
1.640
(41.66)
1.640
(41.66)
0.50
(12.70)
0.060 ±0.002 DIA.
(1.524 ±0.051)
0.040 ±0.002 DIA.
(1.016 ±0.051)
#4-40 CLEAR THRU
(TYP. 4 PL)
BOTTOM VIEW
0.10
(2.54)
0.08
(2.03)
0.22
(5.59)
0.40
(10.16)
I/O Connections
Contact DATEL for Heat Sink information.
The horizontal axis of the above chart references the temperature of the DTL22A’s
aluminum baseplate. The device can continually dissipate up to 100 Watts if the baseplate
is maintained at or below +50°C. At +25°C ambient temperature, with no heat sink or
supplemental air flow, the DTL22A can reliably dissipate a continuous 10 Watts.
2
Case C24
Control
Compliance
Voltage
Impedance
Current
Resolution
Voltage
Power
Package
Model
(Volts)
(Minimum)
(Amps)
(mA) ➁
(Volts) ➂
(Watts)
(Case, Pinout)
DTL22A
0 to +10
10M
Ω
0-20
5
2.5-50
0-100
C24, P51
➀ Typical at TA = +25°C with nominal +5V supply voltage, unless noted.
➁ Listed resolution (5mA) is for a typical application in which the DTL22A is controlled by a voltage
generated by a 12-bit D/A converter with a 0-10V output range. One LSB (least significant bit) of the D/A
corresponds to 0.0244% (1/4096) of full scale (20 Amps), which equals approximately 5mA.
➂ For proper operation, the unit's output/load voltage must remain within this range. Voltages greater than the listed
maximum can damage the device. Voltages less than the minimum provide insufficient bias for the output stage
and will result in unpredictable or no operation. See Output Compliance Voltage and the Fault Line for details.
Baseplate Temperature (
°C)
100
90
80
70
60
50
40
30
20
10
0
10
2030
40
5060
708090
100
100 W A TT , V OL T A GE-CONTR OLLED ELECTR ONIC LO AD