| 전자부품 데이터시트 검색엔진 |
|
OSD32MP157F 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OSD32MP157F 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 38 page ![]() 8 OSD32MP15x Datasheet Rev. 7 11/30/2022 Octavo Systems LLC Copyright 2020-2022 3 Product Number Information Figure 3.1 shows an example of an orderable product number for the OSD32MP15x family. This section explains the different sections of the product number. It also lists the valid entries and their meaning for each designator. Product Designator – Three letters that designate the family of device. Table 3-1 - Family Designator Family Designator Product Line OSD OSD Product Line. Processor Designator – A set of letters and numbers that designate the specific processor in the device. Table 3-2 shows the valid values for the Processor Designator. Table 3-2 - Processor Designators Processor Designator Processor 32MP157C ST Microelectronics STM32MP157C 32MP157F ST Microelectronics STM32MP157F 32MP153C ST Microelectronics STM32MP153C 32MP153A ST Microelectronics STM32MP153A Note: It is possible for the STM32MP1 in the OSD32MP1 to identify as a device that is a superset of the device marked on the package. For example, the STM32MP1 in an OSD32MP157C could identify as the superset device STM32MP157F but it would never identify as a STM32MP157A. The performance, functionality, and temperature range of the device is guaranteed to the specification of the device marked on the package. OSD32MP157C-512M-BAA Product Designator Processor Designator Memory Designator Figure 3.1. Example Product Number Temp Designator Option Designator |