전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32MP157D 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers

부품명 STM32MP157D
상세설명  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STM32MP157D 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STM32MP157D Datasheet HTML 17Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 18Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 19Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 20Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 21Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 22Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 23Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 24Page - List of Unclassifed Manufacturers STM32MP157D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
USB_DP2
USB Port 2 DP
J18
AC16
VBAT
Backup battery supply input
K3
1F1
VDD_CORE
Test Point for VDD_CORE
Voltage
R4
7
Test Point for
VDD_CORE Voltage
VDD_DDR
Test Point for VDD_DDR Voltage
K12
11
Test Point for VDD_DDR
Voltage
VDD
Main IO and VDD domain supply
input
M4, G7, M7,
L7, L4, K7, K4,
J7, H7
1F3, 1G4, 1H3, 1H5,
1J2, 1J4, 1J6
Pins M4, L4, and K4
should be connected
together. Pins M7, L7,
J7, H7, and G7 should
be connected together.
These two groups do not
need to be connected
together.
VDD1V2_DSI_REG
Test Point for
VDD1V2_DSI_REG
R6
C18
Test Point for
VDD1V2_DSI_REG
VDD3V3_USB
Test Point for VDD3V3_USB
R5
39
Test Point for
VDD3V3_USB
VDDA
Analog domain supply
M1
1H1
VDDA1V1_REG
Test Point for VDDA1V1_REG
R8
AB15
Test Point for
VDDA1V1_REG
VDDA1V8_REG
Test Point for VDDA1V8_REG
R7
AB14
Test Point for
VDDA1V8_REG
VIN
Input Power Rail
H2, H1, G2, G1
Input Power Rail for the
SiP. Provides power to
Buck1, Buck2, Buck3,
Buck4 and VIN of the
STPMIC1.
VREF_DDR
Test Point for VREF_DDR
Voltage
L12
16
Test Point for
VREF_DDR Voltage
VREF-
External Reference Voltage for
ADC and DAC
K2
VREF- For the
STM32MP1. VREF- is
not pinned out in the
TFBGA361 package but
is Ball N6 in the
LFBGA448 package
VREF+
External Reference Voltage for
ADC and DAC
M2
R4
VSS
Digital ground power supply
K14, M13, M12,
M11, L5, L15,
L14, L13, K5,
K15, N10, K13,
J5, J16, J15,
J14, K16, N5,
P8, P7, P6, P5,
N9, N8, M15,
N6, M14, N15,
N14, N13, N12,
N11, H14, M5,
N7, E4, H5,
F11, F10, E9,
E8, E7, F13,
E5, F14, E15,
E14, E13, E12,
E11, E10, D4,
E6, G11, H15,
H13, G5, G15,
G14, F12, G12,
J13, F9, F8, F7,
F6, F5, F4,
F15, G13
1A3, 1A5, 1A7, 1B2,
1B4, 1B6, 1B8, 1C1,
1C3, 1C5, 1C7, 1C9,
1D2, 1D4, 1D6, 1D8,
1E1, 1E3, 1E5, 1E7,
1E9, 1F2, 1F4, 1F6,
1F8, 1G3, 1G5,
1G7, 1G9, 1H4,
1H6, 1H8, 1J3, 1J5,
1J7, A1, A23, AA12,
AA21, AA5, AA8,
AC1, AC23, C12,
C21, C7, D4, F21,
H3, K21, P21, P
VSSA
Analog ground power supply
K1
1H2
Internally connected to
VSS
VTT_DDR
Test Point for VTT_DDR
J12
14
Test Point for VTT_DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com