전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32MP153C 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 STM32MP153C
상세설명  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153C 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STM32MP153C Datasheet HTML 4Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 5Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 6Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 7Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 8Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 9Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 10Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 11Page - List of Unclassifed Manufacturers STM32MP153C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
3 Product Number Information
Figure 3.1 shows an example of an orderable product number for the OSD32MP15x family.
This section explains the different sections of the product number. It also lists the valid entries
and their meaning for each designator.
Product Designator
– Three letters that designate the family of device.
Table 3-1 - Family Designator
Family Designator
Product Line
OSD
OSD Product Line.
Processor Designator
– A set of letters and numbers that designate the specific processor in
the device. Table 3-2 shows the valid values for the Processor Designator.
Table 3-2 - Processor Designators
Processor Designator
Processor
32MP157C
ST Microelectronics STM32MP157C
32MP157F
ST Microelectronics STM32MP157F
32MP153C
ST Microelectronics STM32MP153C
32MP153A
ST Microelectronics STM32MP153A
Note: It is possible for the STM32MP1 in the OSD32MP1 to identify as a device that is a
superset of the device marked on the package. For example, the STM32MP1 in an
OSD32MP157C could identify as the superset device STM32MP157F but it would never identify
as a STM32MP157A. The performance, functionality, and temperature range of the device is
guaranteed to the specification of the device marked on the package.
OSD32MP157C-512M-BAA
Product
Designator
Processor
Designator
Memory
Designator
Figure 3.1. Example Product Number
Temp
Designator
Option
Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38