전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USM-S62-G2000 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 USM-S62-G2000
상세설명  LoRa-Based Cold Chain Temperature/ Humidity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-S62-G2000 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  USM-S62-G2000 Datasheet HTML 1Page - Advantech Co., Ltd. USM-S62-G2000 Datasheet HTML 2Page - Advantech Co., Ltd. USM-S62-G2000 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
TREK-120
NFC Reader
Specifications
TREK-120
TREK-120 Probe
Temperature
Measurement Range
-40 ~ 70 °C
Accuracy Range
± 0.2 °C from 0~70 °C
± 0.3 °C from -40~0 °C
Resolution
0.01 °C
Relative Humidity
Measurement Range
0~100% RH
Accuracy Range
± 2% from 0~100% at 25 °C
Resolution
0.01%
NFC
Frequency
13.56 MHz
Function
Bulk download configuration and sensor data
LoRa
Wireless Technology
Advantech LoRa technology
Frequency
920 ~ 925 MHz for Taiwan, 902 ~ 928 MHz for US, 863 ~ 870 MHz for Europe, 470 ~ 510 MHz for China, 921~922 MHz for Japan
Wireless Range
>500 meters (Line of Sight)**
Topology
Star
Data Storage Capacity
5000 data log readings
LED Indicators
1 x Power status, 1 x Alarm
Buttons
1 x Start button
Battery
3V/2400mAh wide-temperature primary (non-rechargeable) battery
Data Transmissions
NFC + LoRa
Mechanical
Mount Options
Fixed by adhesive tape, magnet, fastener, screws
Dimensions (W x D x H)
123.47 x 65 x 24.5 mm (4.88 x 2.56 x 0.91 in)
Weight
108 g (0.23 lb)
248 g (0.55lb)
Probe Cable Length
N/A
2 meter
Environmental
Operating Temperature
-40 ~ 70 °C
Storage Temperature
-40 ~ 85 °C
IP Rating
IP65
Drop Tolerance
4 ft. drop onto concrete
Certifications
CE, FCC, NCC
**Dependent on usage scenario
LoRa-Based Cold Chain Temperature/
Humidity Sensor
ƒ
Supports temperature/humidity sensing
ƒ
LoRa technology for efficient long-range wireless data transmissions
ƒ
Sensors can be configured to trigger alerts to enable real-time management
ƒ
Easy and simple installation in diverse refrigerated vehicles
ƒ
IP65-rated protection from water and dust ingress
ƒ
Supports IoT cloud services for centralized, real-time exception management
ƒ
Long-lasting battery life (up to 36 months )**
Dimensions
Unit: mm
Ordering Information
Part Number
Description
TREK-120-BNLTW0A0
LoRa temp/RH sensor (TW)
TREK-120-BNLUS0A0
LoRa temp/RH sensor (US)
TREK-120-BNLEU0A0
LoRa temp/RH sensor (EU)
TREK-120-BNLCN0A0
LoRa temp/RH sensor (CN)
TREK-120-BNLJP0A0
LoRa temp/RH sensor (JP)
TREK-120-SENBDBAT
Battery+ Sensor board 10 sets
TREK-120-G2BATT
TREK-120G2 Batt. 10 pcs
TREK-120-BNLTW0A1
LoRa temp/RH Probe sensor (TW)
Features
ƒ
P/N: TREK-120-ANR000A00
ƒ
NFC Frequency: 13.56 MHz
ƒ
Host Interface: Micro USB
ƒ
Dimensions: 121.63 x 74.18 x 15.6 mm/
4.78 x 2.92 x 0.61 in
ƒ
Weight: 52 g/0.11 lb
All product specifications are subject to change without notice.
Last updated: 4-Jan-2023


유사한 부품 번호 - USM-S62-G2000

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
USM-S67 ADVANTECH-USM-S67 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
USM-S67 ADVANTECH-USM-S67 Datasheet
696Kb / 3P
LoRaWAN Temperature Probe Sensor
19-May-2023
USM-S67 ADVANTECH-USM-S67 Datasheet
515Kb / 3P
LoRaWAN 7 in 1 AQI Sensor
19-May-2023
USM-S67 ADVANTECH-USM-S67 Datasheet
512Kb / 3P
LoRaWAN Smart Button
19-May-2023
USM-S67 ADVANTECH-USM-S67 Datasheet
501Kb / 3P
LoRaWAN Magnetic Switch
19-May-2023
More results

유사한 설명 - USM-S62-G2000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
Duct Sensor Humidity / Temperature
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
EnOcean GmbH.
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
EnOcean Temperature & Humidity Sensor
April 2022
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com