| 전자부품 데이터시트 검색엔진 |
|
ST7162N 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7162N 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 17 page ![]() ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VDD -VSS Supply Voltage – 0.5 to +6 V VIN Input Voltage VSS –0.5 to VDD +0.5 V VOUT Output Voltage VSS –0.5 to VDD +0.5 V IIN,IOUT DC Current per pin – 10 to 10 mA IDD,ISS DC Current for pin VDD or VSS –30 to 30 mA Tstg Storage Temperature – 55 to +125 °C BLOCK DIAGRAM ST7162 2/17 |