| 전자부품 데이터시트 검색엔진 |
|
UPD6604 데이터시트(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6604 데이터시트(HTML) 47 Page - Renesas Technology Corp |
|
47 / 66 page ![]() 45 µPD6604 Data Sheet U11281EJ3V0DS00 9.9 Timer Operation Instructions MOV A, T0 MOV A, T1 <1> Instruction code : 1 111 0/1 1111 1 <2> Cycle count : 1 <3> Function : (A) ← (Tn) n = 0, 1 CY ← 0 The timer Tn contents are transferred to the accumulator. T1 corresponds to (t9, t8, t7, t6); T0 corresponds to (t5, t4, t3, t2). ↓ t9 t8 t7 t6 t5 t4 t3 t2 t1 t0 Can be set with T1 T0 MOV T, #data10 MOV T, @R0 T MOV T0, A MOV T1, A <1> Instruction code : 0 010 0/1 1111 1 <2> Cycle count : 1 <3> Function : (Tn) ← (A) n = 0, 1 The accumulator contents are transferred to the timer register Tn. T1 corresponds to (t9, t8, t7, t6); T0 corresponds to (t5, t4, t3, t2). After executing this instruction, if data is transferred to T1, t1 becomes 0; if data is transferred to T0, t0 becomes 0. MOV T, #data10 <1> Instruction code : 0 01101111 1 t1 t9 t8 t7 t6 t0 t5 t4 t3 t2 <2> Cycle count : 1 <3> Function : (T) ← data10 The immediate data is transferred to the timer register T (t9-t0). Remark The timer time is set with (set value + 1) × 8/fOSC or 16/fOSC. |