전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP73831-2ACI/OT 데이터시트(PDF) 25 Page - Microchip Technology

부품명 MCP73831-2ACI/OT
상세설명  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT 데이터시트(HTML) 25 Page - Microchip Technology

Back Button MCP73831-2ACI/OT Datasheet HTML 21Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 22Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 23Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 24Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 25Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 26Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 27Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 28Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
 2005-2020 Microchip Technology Inc.
DS20001984H-page 25
MCP73831/2
APPENDIX A: REVISION HISTORY
Revision H (June 2020)
The following is the list of modifications:
1.
Updated the Functional Block Diagram.
2.
Updated the DC Characteristics table.
3.
Updated the AC Characteristics table.
4.
Updated the
Temperature Specifications
table.
5.
Updated Section 4.2, Battery Detection.
6.
Updated Figure 6-1.
Revision G (July 2014)
The following is the list of modifications:
7.
Updated the DC Characteristics table.
8.
Added Section 6.1.1.2, Input Overvoltage
Protection (IOVP).
Revision F (June 2013)
The following is the list of modifications:
9.
Updated the Functional Block Diagram.
10. Added the Battery Detection parameter and
related information in the DC Characteristics
table.
11. Added new section Section 4.2, Battery Detec-
tion.
12. Minor grammatical and spelling corrections.
Revision E (September 2008)
The following is the list of modifications:
1.
Package Types: Changed DFN pinout diagram.
2.
Section 1.0,
Electrical
Characteristics:
Changed “Charge Impedance Range from
20 k
 to 67 k
3.
Section 1.0, Electrical Characteristics: Misc.
Formatting changes.
4.
Section 2.0, Typical Performance Curves:
Updated Figure 2-4.
5.
Section 3.0, Pin Description: Added Exposed
Pad pin to table and added Section 3.6,
Exposed Thermal Pad (EP).
6.
Updated Appendix A: Revision History
7.
Added Land Pattern Package Outline Drawing
for 2x3 DFN package.
Revision D (April 2008)
The following is the list of modifications:
1.
Changed Charge Termination Current Ratio to
8.5% minimum and 11.5% maximum.
Revision C (October 2007)
The following is the list of modifications:
1.
Numerous edits throughout document.
2.
Added note to the Temperature Specifications
table.
3.
Updated Figure 2-4.
Revision B (March 2006)
The following is the list of modifications:
1.
Added MCP73832 through document.
Revision A (November 2005)
Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com