전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PESD15VW1UCSF 데이터시트(PDF) 2 Page - Nexperia B.V. All rights reserved

부품명 PESD15VW1UCSF
상세설명  Extremely low capacitance unidirectional ESD protection diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD15VW1UCSF 데이터시트(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESD15VW1UCSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD15VW1UCSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
PESD15VW1UCSF
Extremely low capacitance unidirectional ESD protection diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
Transparent
top view
2
1
DSN0603-2 (SOD962-2)
sym035
1
2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PESD15VW1UCSF
DSN0603-2
silicon, leadless ultra small package; 2 terminals; 0.4 mm
pitch; 0.6 mm x 0.3 mm x 0.3 mm body
SOD962-2
7. Application information
The device is designed for the protection of one data or signal line from surge pulses and ESD
damage. The device is suitable on lines where the signal polarities are both, positive and negative
with respect to ground.
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
aaa-002440
GND
line to be protected
(positive signal polarity)
ESD protection diode
unidirectional protection of one line
GND
line to be protected
(negative signal polarity)
ESD protection diode
Fig. 1. Application diagram
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge
transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. Minimize the path length between the device and the protected line.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Use ground planes whenever possible. For multilayer PCBs, use ground vias.
PESD15VW1UCSF_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Short data sheet
25 January 2022
2 / 7



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com